Part Number Hot Search : 
NCE3010S SB830 SFF9130Z FTD2022 B85PC P7831124 NKE1000 DTD743EE
Product Description
Full Text Search
 

To Download IRFP440 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 IRFP440 power mosfet dynamic dv/dt rating repetitive avalanche rated isolated central mounting hole fast switching ease of paralleling simple drive requirements vdss=500v rds(on) = 0-85q id = 8.8a the to-247 package is preferred for commercial-industrial applications where higher power levels preclude the use of to-220 devices. the to-247 is similar but superior to the earlier to-218 package because of its isolated mounting hole. it also provides greater creepage oisiance between pins tc meet the requirements of most safety specifications. absolute maximum ratings to-247ac id 0 tc = 25c id? tc=100c i dm pd @ tc = 25c vgs eas jar ear dv/dt tj tstg parameter continuous drain current, vgs @ 10 v continuous drain current, vgs @ 10 v pulsed drain current '& power dissipation linear derating factor gate-to-source voltage single pulse avalanche energy 3> avalanche current ? repetitive avalanche energy co peak diode recovery dv/dt operating junction and storage temperature range soldering temperature, for 10 seconds mounting torque, 6-32 or m3 screw max 8.8 5.6 35 150 1.2 20 480 8.8 15 3.5 -5510+150 300 (1.6mm from case) 10lbf.in (1.1 n.m) units a w w/-c v mj a mj v/ns c thermal resistance i parameter min. rojc rocs roja typ. ; junction-to-case ? ? case-to-sink, flat, greased surface ? ' 0.24 junction-to-ambient ? ? max. 0.83 40 units c/w nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however. nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
IRFP440 electrical characteristics @ tj = 25c (unless otherwise specified) v(bh)dss av(bh)dss/atj rnsfonl vosah; gis qg qgs qga td(on) tr td(oll) ti ld ls ciss cqss c,ss parameter drain-to-source breakdown voltage breakdown voltage temp. coefficient static drain-to-source on-resistance gate threshold voltage forward transconductance . gate-to-source forward leakage gate-to-source reverse leakage total gate charge gate-to-source charge gate-to-drain ("miller") charge turn-on delay time rise time turn-off delay time fall time internal drain inductance internal source inductance input capacitance output capacitance reverse transfer capacitance min. 500 2.0 5.3 ? ? ? ? ? ? ? ? typ. 0.78 ? ? ? 14 23 49 20 5.0 13 1300 31c 120 max. 0.85 4.0 ? 25 250 100 -100 63 11 30 ? - ? ? units v v/c q v s fla nc nh pf test conditions vgs=ov, id= 250ua reference to 25"c, b= 1 ma vcs=10v, id=5.3a -' vds=vgs. b= 250jia vds=50v, lo=5.3a


▲Up To Search▲   

 
Price & Availability of IRFP440

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X